PART |
Description |
Maker |
N275CH04 N275CH04LOO N275CH04KOO N275CH04HOO N275C |
769.3 A, 400 V, SCR, TO-200AB 5565.65 A, 400 V, SCR 1640.65 A, 600 V, SCR, TO-200AC 36.11 A, 1200 V, SCR, TO-48 2614.05 A, 1400 V, SCR 3799.4 A, 3400 V, SCR 2610.91 A, 2600 V, SCR 133.45 A, 800 V, SCR 4474.5 A, 4200 V, SCR 3925 A, 4500 V, SCR 3925 A, 4400 V, SCR 2692.55 A, 1600 V, SCR 70.65 A, 200 V, SCR, TO-65 3595.3 A, 400 V, SCR 3595.3 A, 200 V, SCR 4003.5 A, 2800 V, SCR 1428.7 A, 1800 V, SCR, TO-200AC 1428.7 A, 1600 V, SCR, TO-200AC 612.3 A, 1600 V, SCR 32.97 A, 1000 V, SCR, TO-48 98.91 A, 1000 V, SCR, TO-65
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
2N5166 2N4147 2N1600 2N1598 2N893 2N899 |
20 A, 400 V, SCR 0.25 A, 100 V, SCR, TO-52 8 A, 50 V, SCR, TO-64 1.6 A, 300 V, SCR, TO-5 0.25 A, 15 V, SYMMETRICAL GTO SCR, TO-18 0.25 A, 100 V, GATE TURN-OFF SCR, TO-18
|
SEMITRONICS CORP
|
CYNB25-400 CYNA25-400 CYNA25-1000 |
SCR 25A 400V NON-ISOLAT TO-220AB 25 A, 400 V, SCR, TO-220AB SCR 25A 400V ISOLATED TO-220AB 25 A, 400 V, SCR, TO-220AB SCR 1000V 25A ISOLATED TO220AB 25 A, 1000 V, SCR, TO-220AB
|
Crydom, Inc. CRYDOM CORP
|
P400 P403 P401 P402 P404 P423 P431 P432 P424 P425 |
Passivated Assembled Circuit Elements, 40 A 1200 V, SCR 400 V, SCR
|
Vishay Siliconix VISHAY INTERTECHNOLOGY INC
|
2P1M-YB 2P6M-YB 2P4M-YB 2P2MYC 2P2M-YB 2P2M-CY 2P0 |
4 A, 100 V, SCR PLASTIC PACKAGE-3 4 A, 600 V, SCR PLASTIC PACKAGE-3 4 A, 400 V, SCR PLASTIC PACKAGE-3 4 A, 200 V, SCR 4 A, 50 V, SCR
|
|
CMPS5064BKLEADFREE |
0.8 A, 400 V, SCR
|
CENTRAL SEMICONDUCTOR CORP
|
2N6506-BD 2N6504-BD 2N6507-AF |
25 A, 200 V, SCR, TO-220AB 25 A, 50 V, SCR, TO-220AB 25 A, 400 V, SCR, TO-220AB
|
MOTOROLA INC
|
10RIF40W15 |
16 A, 400 V, SCR, TO-208AA
|
|
FT500DL FT500DL-24 FT500DL-4 FT500DL-20 FT500DL-16 |
Phase control SCR. 500A, 400V. Phase Control SCR 500 Amperes Avg 200-1400 Volts Phase control SCR. 500A, 1200V. Phase control SCR. 500A, 200V. Phase control SCR. 500A, 1000V. Phase control SCR. 500A, 800V. Phase control SCR. 500A, 300V. Phase control SCR. 500A, 500V. Phase control SCR. 500A, 600V. Phase control SCR. 500A, 1400V.
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors]
|
WG14013FR04 WG12013FR02 WG18015R FR35 WG18027R12 W |
1340 A, 1300 V, GATE TURN-OFF SCR 2150 A, 1500 V, SYMMETRICAL GTO SCR 820 A, 4000 V, GATE TURN-OFF SCR 1685 A, 2700 V, GATE TURN-OFF SCR 870 A, 600 V, GATE TURN-OFF SCR 700 A, 600 V, GATE TURN-OFF SCR 730 A, 1000 V, GATE TURN-OFF SCR 890 A, 1000 V, GATE TURN-OFF SCR
|
WESTCODE SEMICONDUCTORS LTD
|
FS0402DI |
400 V, sensitive gate SCR
|
Fagor
|
|